Part Number Hot Search : 
2MBI3 1N5295 T138A T138A 2SC23 2SJ401 FAN2013 2SJ401
Product Description
Full Text Search
 

To Download BZT52C4V3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZT52C3V0 ... BZT52C75 (500 mW)
BZT52C3V0 ... BZT52C75 (500 mW)
Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflachenmontage Version 2006-12-04 Maximum power dissipation Maximale Verlustleistung Nominal Z-voltage Nominale Z-Spannung
0.1
Type Code
500 mW 3...75 V SOD-123 0.01 g
2.7 1.1 0.6
1.6
Plastic case Kunststoffgehause Weight approx. Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
0.6
3.8
Dimensions - Mae [mm]
Standard Zener voltage tolerance is graded to the international E 24 (~ 5%) standard. Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausfuhrung gestuft nach der internationalen Reihe E 24 (~ 5%). Andere Toleranzen oder hohere Arbeitsspannungen auf Anfrage. Maximum ratings and Characteristics Power dissipation - Verlustleistung Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschluss TA = 25C Ptot Tj TS RthA RthT Grenz- und Kennwerte BZT52-series 500 mW 1) -50...+150C -50...+150C < 300 K/W 1) < 240 K/W
Zener voltages see table on next page - Zener-Spannungen siehe Tabelle auf der nachsten Seite
Marking - Stempelung (alternative) BZT52C2V4 = MH, WX, 4C BZT52C2V7 = MJ, W1, 4D BZT52C3V0 = MK, W2, 4E BZT52C3V3 = MM, W3, 4F BZT52C3V6 = MN, W4, 4H BZT52C3V9 = MP, W5, 4J BZT52C4V3 = MR, W6, 4K BZT52C4V7 = MX, W7, 4M BZT52C5V1 = MY, W8, 4N BZT52C5V6 = MZ, W9, 4P BZT52C6V2 = NA, WA, 4R BZT52C6V8 = NB, WB, 4X BZT52C7V5 = NC, WC, 4Y BZT52C8V2 = ND, WD, 4Z BZT52C9V1 = NE, WE, 5A BZT52C10 = NE, WF, 5B BZT52C11 = NH, WG, 5C BZT52C12 = NJ, WH, 5D BZT52C13 = NK, WI, 5E BZT52C15 = NM, WJ, 5F BZT52C16 = NN, WK, 5H BZT52C18 = NP, WL, 5J BZT52C20 = NR, WM, 5K BZT52C22 = NX, WN, 5M BZT52C24 = NY, WO, 5N BZT52C27 = NZ, WP, 5P BZT52C30 = PA, WQ, 5R BZT52C33 = PB, WR, 5X BZT52C36 = PC, WS, 5Y BZT52C39 = PD, WT, 5Z BZT52C43 = WU, 6A BZT52C47 = WV, 6B BZT52C51 = WW, 6C BZT52C56 = 6D BZT52C62 = 6E BZT52C68 = 6F BZT52C75 = 6H
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad an jedem Anschluss) http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BZT52C3V0 ... BZT52C75 (500 mW) Maximum ratings
Type Typ Z-voltage range ) Z-Spanngs.-Bereich 1) IZT = 5mA VZ min [V] BZT52C2V4 BZT52C2V7 BZT52C3V0 BZT52C3V3 BZT52C3V6 BZT52C3V9 BZT52C4V3 BZT52C4V7 BZT52C5V1 BZT52C5V6 BZT52C6V2 BZT52C6V8 BZT52C7V5 BZT52C8V2 BZT52C9V1 BZT52C10 BZT52C11 BZT52C12 BZT52C13 BZT52C15 BZT52C16 BZT52C18 BZT52C20 BZT52C22 BZT52C24 BZT52C27 BZT52C30 BZT52C33 BZT52C36 2.2 2.5 2.8 3.1 3.4 3.6 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 VZ max [V] 2.6 2.9 3.2 3.5 3.8 4.2 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9,6 10,6 11,6 12,7 14,1 15,6 17,1 19,1 21,2 23,3 25,6 28,9 32 35 38
1
Grenzwerte
Dynamic resistance Diff. Widerstand ZZK [] < 100 < 110 < 120 < 130 < 130 < 130 < 130 < 130 < 130 < 80 < 50 < 30 < 30 < 30 < 30 < 30 < 30 < 35 < 35 < 40 < 40 < 45 < 50 < 55 < 60 < 70 < 80 < 80 < 90 IZK [mA] 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 Temp. Coeffic. of Z-voltage ...der Z-Spannung VZ [10-4 /C] -9...-6 -9...-6 -8...-5 -8...-5 -8...-5 -8...-5 -6...-3 -5...+2 -2...+2 -5...+5 -3...+6 +3...+7 +3...+7 +8...+7 +3...+9 +3...+10 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 Reverse volt. Sperrspanng. IR = 100 nA VR [V] 1 (<120 A) 1 (<120 A) 1 (<50 A) 1 (<20 A) 1 (<10 A) 1 (<5 A) 1 (<5 A) 1 (<2 A) 1.5 (<2 A) 2.5 (<1 A) 3 (<1 A) 3.5 (<0.5 A) 4 (<0.5 A) 5 (<0.5 A) 6 (<0.5 A) 7 8 9 10 11 12 13 15 17 19 21 23 25 27 Z-current 2) Z-Strom 2) TA = 25C IZmax [mA] 192 172 156 143 132 119 109 100 93 83 76 69 63 57 52 47 43 39 35 32 29 26 24 21 20 17 16 14 13
IZT = 2.5 mA BZT52C39 BZT52C43 BZT52C47 BZT52C51 BZT52C56 BZT52C62 BZT52C68 BZT52C75 37 40 44 48 52 58 64 70 41 46 50 54 60 66 72 79 <100 <130 <150 <180 <180 <200 <250 <300 2 2 2 2 2 2 2 2 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 30 (< 2 A) 33 (< 2 A) 36 (< 2 A) 39 (< 1 A) 43 (< 1 A) 47 (<0.2 A) 52 (<0.2 A) 57 (<0.2 A) 12 11 10 9 8 8 7 6
1 2
Tested with pulses (20 ms) - Gemessen mit Impulsen (20 ms) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad an jedem Anschluss) http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BZT52C4V3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X